Part Number Hot Search : 
AIC1896G 051R21G3 0M75J 12600 MCD56 ZD4733A BU4820 87CK38N
Product Description
Full Text Search
 

To Download IMB203VGGA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  155 * all specifcations and photos are subject to change without notice. www.axiomtek.com dualvi ew system d i/o usb sata-300 acpi conn. ddr3 dimm lga775 ps/2 k/b+m/s audio pcie x16 pcie x4 pcie x1 com+vga+lpt ethernet +usb 3/4 ethernet +usb 1/2 atx power conn. com 2/3/ 4 pci 1/2/3/ 4 in tel ? gma x4500 graphics cor e ? memor y s ize memor y s ize in tel ? dvmt 5.0 compliant ? 1 x v g a display quic k insta ll ation gui d e, user's manua l /uti l ity cd, ca bl e p art num b er 5 93826 a 0000 e 5 9 380402010e d escription s at a si g nal cable 500mm c om port ca bl e w/ b rac k et qt y 1 1 lga775 intel ? core?2 duo at x industrial motherboard with intel ? q45 + ich10do chipset, iamt , itpm and raid imb203 i/o fe atures  lga775 for inte l ? core?2 duo/ celeron ? processor w ith 800/1066/1333 mhz mt/s  intel ? q45 + ich10do chipse t  4 ddr3-800/1066 dimm support up to 8 gb  intel ? gen 5 high performance integrated graphics controller with dx10 and opengl 2.1  raid 0, 1, 10 and 5  intel ? am t & tpm supported  supports x16 pci express 2.0 l g a775 soc k et f or inte l ? core ? ? 2 duo/ celeron ? ? ? processors ? wit h fsb 800/1066/1333 mhz sy stem memor y sy stem memor y 4 x 2 4 0 - p in dimm su pp orts ddr 3 - 800 /1 066 max. u p to 8 g b i nte l ? q45 + ich10do ? bi os bi os ami 1 x us b dom w atchdo g ti mer w atchdo g ti mer 255 levels, 1~255 sec. 1 x p c ie x1 6 1 x pcie x4 ( default ) 1 x pcie x1 (re f er to user's manua l f or setting) 4 x pci batter y batter y li t hi u m 3v /22 0 mah i nte l ? core ? ? 2 quad q9400 @2.66 ghz, 2gb ddr3 ? ? m ax. rm s : +5v_ s by @ 1. 289 a, + 3 . 3 v @ 0 .4 92 a, +5v @ 1.807a , +12v @ 2.928a , -12v @ 0.061a s ize s ize 305 x 2 44 mm 1 . 6 mm t em p erature t em p erature 0 c ~ +60 c ( 32 f ~ 14 0 f ) , operation 1 0% ~ 95% re l ative h umi d it y , non-con d ensin g 1 x lpt ; wit h spp/epp/ecp supporte d 1 x fdd ( optional; w/o amt function ) 1 x ps/2 k ey b oar d 1 x p s / 2 mouse 3 x r s - 232 ( co m 2 / 3 /4 ) 1 x rs-232/422/485 ( com 1 ) s at a s at a 6 x s ata-300 wit h raid 0/1/10/5 detect cpu/system temperature, vo l tage an d f an spee d e t h e rn et e t h e rn et 1 s t p ort as 10/100/1000mb p s su pp orts w ake-on-lan, rpl/pxe boot r o m wit h inte l ? 82574l ? 2 n d p ort as 10/100/1000mb p s su pp orts iamt , w a k e-on-lan , rpl/pxe boot rom wit h int e l ? 82567lm ? hd codec audio as mic-in/line-in/line-out/s p eaker-out w it h re a l te k al c 888 usb usb 12 x usb 2.0 s y stem mana g ement bus f or a d vance d monitoring/contro l inter f ace di g ital i/o di g ital i/o 8 channels in/out p ro g rammable pa cking list ordering information imb 203 v gg a lga775 socket at x industrial m/b with vga, (p/n: e38f203100) 2 10/100/1000m b ps et h ernet, au d io, iamt , tpm and raid 593836a0030e 4- p in p ower cable to sa ta x 2, l=150mm 5 938 a 8080 1 0 e 2 x usb p ort ca bl e, l=190mm lga775 intel ? q45 4 ddr3 12 usb 2.0 4 pci iamt usb dom iamt & tpm raid 0,1,10,5 side view dualvi ew system fe atures lga775 intel? q35 rs-232/422/485 10 usb 2.0 4 pci 1 pcie x16 usb dom p i nte l ? gma 3100 graphics core gp ? memory size memory size i nte l ? dvmt 4.0 compliant ? 1 x v g a display quick installation g uide, user's manual/utilit y cd, cable pa r t nu m be r 5 9380 4 020 1 0 e 593826a0000e descri p tion c om p ort ca bl e w/ b rac k et s at a signa l ca bl e 500mm qt y 1 1 lga775 intel ? core?2 quad at x industrial motherboard with intel ? q35 + ich9do chipset, dual lans and audio imb202 i/o  lga775 for inte l ? core?2 quad/ cor e ?2 duo/ c eleron ? processor with 800/1066/1333 mhz  intel ? q35 + ich9-do chipset  4 ddr2-533/667/800 dimm support up to 8 gb  6 serial ata ports support data transfer rate up to 3gb/s with raid 0, 1, 10 and 5 lga775 socket for intel ? core ? ? 2 quad/ core ? ? ? 2 duo/ ? ? c eleron ? processors with fsb 800/1066/1333 mhz ? s ystem memory s ystem memory 4 x 240-pin dimm supports ddr2-667/800 max. up to 8 gb i n tel ? q35 + ich9do ? bi os bi os p h oenix-a war d 1 x com p actflash ? type-ii (optional) ? w at c hd og ti mer w at c hd og ti mer 255 l eve l s , 1~255 sec. 1 x pcie x16 1 x pcie x4 (re f er to user's manua l f or setting) 1 x pcie x1 ( re f er to user's manua l f or setting ) 4 x p c i b attery b attery lit h ium 3v/220 mah i n tel ? core ? ? 2 quad q9400 @2.66 ghz, 4gb ddr2 ? ? m ax. rms: +5v_sby @ 0.026a , +3.3v @ 1.311a , +5v @ 3 . 0 1 9 a, +1 2 v @ 1.7 8 1a, -1 2 v @ 0 . 062 a s ize s ize 305 x 244 mm 1 .6 mm te m p erature te m p erature 0 c ~ + 60 c ( 32 f ~ 14 0 f), operat i on 1 0% ~ 95% re l ative h umi d ity , non-con d ensing 1 x ide; pa ta -100 (optiona l ) 1xfdd 1 x ps/2 ke y board 1 x p s /2 mouse 1 x lpt ; with spp/epp/ecp su pp orted 3 x rs-232 (com 2/3/4); wit h +5v/+12v powere d 1 x rs-232/422/485 ( com 1 ) ; with +5v/+12v powered s at a s at a 6 x s ata-300 wit h raid 0/1/10/5 detect cpu/s y stem tem p erature, volta g e and fan s p eed et h ernet et h ernet 1 s t p ort as 10/100/1000m bp s su pp orts wa k e-on-lan, rpl/pxe boot rom wit h re a l te k r tl8111b 2 n d p ort as 10/100/1000mb p s su pp orts w ake-on-lan, rpl/pxe boot r o m wit h inte l ? 82566dm ? hd codec audio as mic-in/line-out with r ealtek alc888 us b us b 12 x us b 2.0 2 x ieee 1394a ( optional ) s mbus s mbus n/ a 8 channels in/out p ro g rammable pa cking list ordering information i mb202v gg a lga775 soc k et at x in d ustria l m/b wit h vga , ( p/n: e 38 f 202 1 0 1 ) 2 10/100/1000mb p s ethernet, audio and rai d i mb202vgg a f lga775 socket at x industrial m/b with vga, (p/n: e 38 f 202 1 00 ) 2 10/100/1000m bp s et h ernet, au d io, raid a n d f ir ew ir e 593836 a 0030 e 4- p in p ower cable to sa ta x 2, l=150mm 59 38a808010e 2 x usb port ca bl e, l=190mm d i/o fdd usb usb sata2 ide acpi conn. ddr2 dimm lga775 ps/2 k/b +m/s audio pcie x16 pcie x4 pcie x1 com+vga+lpt ethernet+usb 1/2/3/4 atx power conn. ieee 1394a com 2/3/4 pci


▲Up To Search▲   

 
Price & Availability of IMB203VGGA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X